|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
HFP730 June 2005 BVDSS = 400 V HFP730 400V N-Channel MOSFET FEATURES Originative New Design Superior Avalanche Rugged Technology Robust Gate Oxide Technology Very Low Intrinsic Capacitances Excellent Switching Characteristics Unrivalled Gate Charge : 18 nC (Typ.) Extended Safe Operating Area Lower RDS(ON) : 0.8 (Typ.) @VGS=10V 100% Avalanche Tested RDS(on) typ = 0.8 ID = 5.5 A TO-220 1 2 3 1.Gate 2. Drain 3. Source Absolute Maximum Ratings Symbol VDSS ID IDM VGS EAS IAR EAR dv/dt PD TJ, TSTG TL Drain-Source Voltage Drain Current Drain Current Drain Current Gate-Source Voltage Single Pulsed Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt TC=25 unless otherwise specified Parameter Value 400 Units V A A A V mJ A mJ V/ns W W/ - Continuous (TC = 25) - Continuous (TC = 100) - Pulsed (Note 1) 5.5 3.5 22 30 (Note 2) (Note 1) (Note 1) (Note 3) 330 5.5 7.3 5.5 73 0.58 -55 to +150 300 Power Dissipation (TC = 25) - Derate above 25 Operating and Storage Temperature Range Maximum lead temperature for soldering purposes, 1/8" from case for 5 seconds Thermal Resistance Characteristics Symbol RJC RCS RJA Junction-to-Case Case-to-Sink Junction-to-Ambient Parameter Typ. -0.5 -Max. 1.71 -62.5 /W Units SEMIHOW REV.A0,June 2005 HFP730 Electrical Characteristics TC=25 C Symbol Parameter unless otherwise specified Test Conditions Min Typ Max Units On Characteristics VGS RDS(ON) Gate Threshold Voltage Static Drain-Source On-Resistance VDS = VGS, ID = 250 VGS = 10 V, ID = 2.75 A 2.5 --0.8 4.5 1.0 V Off Characteristics BVDSS Drain-Source Breakdown Voltage VGS = 0 V, ID = 250 ID = 250 , Referenced to25 VDS = 400 V, VGS = 0 V VDS = 320 V, TC = 125 VGS = 30 V, VDS = 0 V VGS = -30 V, VDS = 0 V 400 ------0.4 ------1 10 100 -100 V V/ BVDSS Breakdown Voltage Temperature Coefficient /TJ IDSS IGSSF IGSSR Zero Gate Voltage Drain Current Gate-Body Leakage Current, Forward Gate-Body Leakage Current, Reverse Dynamic Characteristics Ciss Coss Crss Input Capacitance Output Capacitance Reverse Transfer Capacitance VDS = 25 V, VGS = 0 V, f = 1.0 MHz ---680 95 16 885 123 21 Switching Characteristics td(on) tr td(off) tf Qg Qgs Qgd Turn-On Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge (Note 4,5) VDS = 200 V, ID = 5.5 A, RG = 25 -------- 12 40 60 40 18 3.9 8.4 15 90 130 90 23 --- nC nC nC VDS = 320 V, ID = 5.5 A, VGS = 10 V (Note 4,5) Source-Drain Diode Maximum Ratings and Characteristics IS ISM VSD trr Qrr Continuous Source-Drain Diode Forward Current Pulsed Source-Drain Diode Forward Current Source-Drain Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge IS = 5.5 A, VGS = 0 V IS = 5.5 A, VGS = 0 V diF/dt = 100 A/s (Note 4) --------265 2.3 5.5 22 1.5 --A V C Notes ; 1. Repetitive Rating : Pulse width limited by maximum junction temperature 2. L=19mH, IAS=5.5A, VDD=50V, RG=25, Starting TJ =25C 3. ISD5.5A, di/dt300A/s, VDDBVDSS , Starting TJ =25 C 4. Pulse Test : Pulse Width 300s, Duty Cycle 2% 5. Essentially Independent of Operating Temperature SEMIHOW REV.A0,June 2005 HFP730 Typical Characteristics Figure 1. On Region Characteristics Figure 2. Transfer Characteristics Figure 3. On Resistance Variation vs Drain Current and Gate Voltage Figure 4. Body Diode Forward Voltage Variation with Source Current and Temperature 900 800 700 VGS, Gate-Source Voltage [V] Ciss = Cgs + Cgd (Cds = shorted) Coss = Cds + Cgd Crss = Cgd 12 VDS = 80V 10 VDS = 200V VDS = 320V Capacitances [pF] 600 500 400 300 200 100 0 -1 10 Ciss Coss 8 6 Crss Note ; 1. VGS = 0 V 2. f = 1 MHz 4 2 Note : ID = 5.5A 10 0 10 1 0 0 2 4 6 8 10 12 14 16 18 20 22 24 VDS, Drain-Source Voltage [V] QG, Total Gate Charge [nC] Figure 5. Capacitance Characteristics Figure 6. Gate Charge Characteristics SEMIHOW REV.A0,June 2005 HFP730 Typical Characteristics (continued) Figure 7. Breakdown Voltage Variation vs Temperature Figure 8. On-Resistance Variation vs Temperature 6 5 ID, Drain Current [A] 4 3 2 1 0 25 50 75 100 125 150 TC, Case Temperature [ ] Figure 9. Maximum Safe Operating Area Figure 10. Maximum Drain Current vs Case Temperature 10 0 D=0.5 Z JC Thermal Response (t), 0.2 0.1 10 -1 0.05 0.02 0.01 single pulse Notes : (t) W 1. Z JC = 1.71 / Max. 2. Duty Factor, D=t1/t2 3. TJM - TC = PDM * Z JC (t) PDM t1 t2 10 0 10 -2 10 -5 10 -4 10 -3 10 -2 10 -1 10 1 t1, Square Wave Pulse Duration [sec] Figure 11. Transient Thermal Response Curve SEMIHOW REV.A0,June 2005 HFP730 Fig 12. Gate Charge Test Circuit & Waveform 50K 12V 200nF 300nF Same Type as DUT VDS VGS Qg 10V VGS Qgs Qgd DUT 3mA Charge Fig 13. Resistive Switching Test Circuit & Waveforms VDS RG RL VDD ( 0.5 rated VDS ) VDS 90% 10V DUT Vin 10% td(on) t on tr td(off) t off tf Fig 14. Unclamped Inductive Switching Test Circuit & Waveforms L VDS VDD BVDSS IAS BVDSS 1 EAS = ---- LL IAS2 -------------------2 BVDSS -- VDD RG DUT VDD ID (t) VDS (t) tp 10V Time SEMIHOW REV.A0,June 2005 HFP730 Fig 15. Peak Diode Recovery dv/dt Test Circuit & Waveforms DUT + VDS _ IS L Driver RG Same Type as DUT VDD VGS * dv/dt controlled by RG * IS controlled by pulse period VGS ( Driver ) Gate Pulse Width D = -------------------------Gate Pulse Period 10V IFM , Body Diode Forward Current IS ( DUT ) IRM di/dt Body Diode Reverse Current VDS ( DUT ) Body Diode Recovery dv/dt Vf VDD Body Diode Forward Voltage Drop SEMIHOW REV.A0,June 2005 HFP730 Package Dimension TO-220 (A) 9.900.20 3 0 .6 0. 20 4.500.20 1.300.20 15.700.20 2.800.20 9.190.20 6.500.20 13.080.20 0.800.20 2.54typ 2.54typ 0.500.20 3.020.20 1.270.20 1.520.20 2.400.20 SEMIHOW REV.A0,June 2005 HFP730 TO-220 (B) 0.20 . 3 84 0 0 .2 4.570.20 1.270.20 15.440.20 2.740.20 9.140.20 6.300.20 2.670.20 13.280.20 1.270.20 2.670.20 0.810.20 2.54typ 2.54typ 0.400.20 SEMIHOW REV.A0,June 2005 |
Price & Availability of HFP730 |